PART |
Description |
Maker |
80C32C-20R 80C32C-12R 80C32C-36R 80C32C-42R 80C32C |
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller 的CMOS 04 MHz的单芯片8位微控制 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 CMOS 0 to 44 MHz Single Chip 8bit Microntroller METER PROCESS TIME 6-DIGIT ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
|
http:// Atmel, Corp. Honeywell International, Inc. Welwyn Components, Ltd. Amphenol, Corp. TEMIC Semiconductors
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MD80C51 TSC80C31-12AA TSC80C31-16AA TSC80C31-16AAB |
CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
|
TEMIC Semiconductors
|
MD80C154-20 MD80C154-30 MD80C154-L16 MD80C154-25 I |
CMOS 0 TO 36 MHZ SINGLE CHIP 8-BIT MICROCONTROLLER
|
TEMIC[TEMIC Semiconductors]
|
LC72323N LC72322N LC72321N |
8-BIT, MROM, 5 MHz, MICROCONTROLLER, PQFP80 CMOS IC Single-Chip Microcontrollers with Built-in LCD Driver and PLL Circuits Electronic Tuning Systems: Single-chip PLL and controller with LCD driver
|
Sanyo
|
TSC80C31 |
(TSC80C31 / TSC80C51) CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
|
TEMIC Semiconductors
|
TSC80C31 TSC80C51 |
CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller From old datasheet system
|
Atmel
|
R5F21244SDFP R5F21244SDXXXFP R5F21244SDXXXLG R5F21 |
16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP52 SINGLE-CHIP 16-BIT CMOS MCU SINGLE-CHIP 16-BIT CMOS MCU
|
Renesas Electronics Corporation
|
JT6M74A-AS |
0.0613 MHz, MICROCONTROLLER, UUC76 CMOS Single-Chip LSI for LCD Calculator
|
TOSHIBA
|
TS80C32X2-VCED TS80C32X2-LIAD TS80C32X2-MIAD TS87C |
8-bit CMOS Microcontroller 0-60 MHz CMOS 0 to 44 MHz Single Chip 8bit Microntroller Cable; Cable Length:1m; No. of Contacts:26 Static Protection Mat; Body Material:Dissipative Vinyl Rubber; External Width:60ft; Roll Length:3ft; Thickness:0.375" 8位CMOS微控制器0-60兆赫 8-bit CMOS Microcontroller 0-60 MHz 8位CMOS微控制器0-60兆赫 LITHM/MNGNS DXD BATT 3.0V 220MAH 20MM DL 8位CMOS微控制器0-60兆赫 KITUSBSPIDGLEVME
|
http:// TEMIC Semiconductors Sanken Electric Co., Ltd. Atmel, Corp. Ecliptek, Corp. Electronic Theatre Controls, Inc.
|